21/4/2011 ifrm 06p1701/ks35l inductive proximity switch inductive sensors www.baumer.com general data mounting type shielded nominal sensing distance sn 2 mm hysteresis 3 ... 20 % of sr output indicator led red electrical data switching frequency < 5 khz voltage supply range +vs 10 ... 30 vdc current consumption max. 12 ma output circuit pnp make function (no) voltage drop vd < 2 vdc output current < 200 ma short circuit protection yes reverse polarity protection yes mechanical data type cylindrical smooth material (sensing face) pbt housing material stainless steel dimension 6,5 mm housing length 30 mm connection types fylead connector m8 ambient conditions operating temperature -25 ... +75 c protection class ip 67 photo dimension drawing 30 34 ca . l 6, 5 ? m8 x 1 le d standard cable length 200 mm (l) connection diagram output +v s pnp bu (3) bn (1) bk (4) z 0 v
|